Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4191 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics AN4191 Datasheet HTML 14Page - STMicroelectronics AN4191 Datasheet HTML 15Page - STMicroelectronics AN4191 Datasheet HTML 16Page - STMicroelectronics AN4191 Datasheet HTML 17Page - STMicroelectronics AN4191 Datasheet HTML 18Page - STMicroelectronics AN4191 Datasheet HTML 19Page - STMicroelectronics AN4191 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN4191
Rg impact for MOSFETs in buck/buck-boost configurations
Doc ID 023815 Rev 1
17/20
As shown in the previous images, the “bad” part shows an incorrect output voltage value
(0.473 V vs. 1.18 V), due to the different MOSFET switching speed and switching times. The
thermal measurements are made at the board startup and no load conditions, using a
thermal camera to detect MOSFET and driver temperatures. Figure 25 and Figure 24 show,
respectively, the images for “good” and “bad” parts.
For the “good” sample, the MOSFET temperature is 35.4 °C, while for the “bad” device its
87.4 °C. A similar temperature increase is detected for the driver: 37.8 °C for the first
configuration and 73.4 °C for the second one. It is obvious that such high Rg values cause:
●
MOSFET temperatures to rise due to switching loss enlargements (the higher the Rg,
the longer the MOSFET switching times)
●
Driver temperature increases because of gate drive losses rising.
Unfortunately, full load conditions haven't been reached due to the quick device temperature
increase till maximum rating.
Figure 23.
“Good” part steady-state
waveforms
Figure 24.
“Bad” part steady-state waveforms
AM16429V1
AM16430V1
Figure 25.
“Good” part thermal image
Figure 26.
“Bad” part thermal image
AM16431V1
AM16432V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com