Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4191 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4191 Datasheet HTML 1Page - STMicroelectronics AN4191 Datasheet HTML 2Page - STMicroelectronics AN4191 Datasheet HTML 3Page - STMicroelectronics AN4191 Datasheet HTML 4Page - STMicroelectronics AN4191 Datasheet HTML 5Page - STMicroelectronics AN4191 Datasheet HTML 6Page - STMicroelectronics AN4191 Datasheet HTML 7Page - STMicroelectronics AN4191 Datasheet HTML 8Page - STMicroelectronics AN4191 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN4191
Brief introduction to Power MOSFET intrinsic gate resistance
Doc ID 023815 Rev 1
5/20
Figure 2.
Internal parameters of the device
In order to better understand the impact of Rg on the device’s switching performance, two
different analyses are performed:
1.
“Unclamped inductive switching” test on a characterization board; the device under test
is a 120 A / 40 V LL Vth device selected with different intrinsic Rg values.
2.
Application analysis on a 2.5" HDD board, where “good” parts (with correct Rg value)
are compared with “bad” devices (with high Rg) in terms of switching behavior and
device temperature.
Cds
Cgd
Cgs
Rg
AM16409V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com