Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4638 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4638 Datasheet HTML 5Page - STMicroelectronics AN4638 Datasheet HTML 6Page - STMicroelectronics AN4638 Datasheet HTML 7Page - STMicroelectronics AN4638 Datasheet HTML 8Page - STMicroelectronics AN4638 Datasheet HTML 9Page - STMicroelectronics AN4638 Datasheet HTML 10Page - STMicroelectronics AN4638 Datasheet HTML 11Page - STMicroelectronics AN4638 Datasheet HTML 12Page - STMicroelectronics AN4638 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID027309 Rev 1
9/23
AN4638
V series IGBTs on a 4 kW welder
23
for more details regarding these IGBTs, please refer to the relevant datasheet available at
www.st.com.
5.1
Overview of thermal and electrical measurements
The electrical measurements for the input power, input current and power factor (PF) taken
by the power meter at the input of the welder as well as the temperature and time values
achieved by the STGW40V60DF IGBTs during the electro-thermal analysis carried out on
the board are detailed in the following table and graph; the operating conditions for the
application (220 VAC, 50 Hz input) are:
•
full load steady state operation under 2 kW input power conditions;
•
full load steady state operation under 3 kW input power conditions;
•
full load steady state operation under maximum power absorbed in input conditions.
The case temperatures measurements were taken by a thermo camera once thermal
stability had been achieved by the devices running on the board. Operating times were
measured for maintained maximum input power (~4 kW), starting from a cold state
condition, until the thermal protection interrupted operation.
Table 3. STGW40V60DF main parameters
Device
Package
BVCES
IC@100 °C
Tj-max
VCESAT(typ)
@25 °C
STGW40V60DF
TO-247
600 V
40 A
175 °C
1.8 V
Table 4. Thermal and electrical measurements
Device
Input power
(kW)
Input current
(A)
PF
Temp (°C)
Time (min: s)
STGW40V60DF
2
15.4
0.58
62°
3
22.2
0.61
83°
~3.8(max)
26.3
0.66
10 min17 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com