Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4638 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4638 Datasheet HTML 9Page - STMicroelectronics AN4638 Datasheet HTML 10Page - STMicroelectronics AN4638 Datasheet HTML 11Page - STMicroelectronics AN4638 Datasheet HTML 12Page - STMicroelectronics AN4638 Datasheet HTML 13Page - STMicroelectronics AN4638 Datasheet HTML 14Page - STMicroelectronics AN4638 Datasheet HTML 15Page - STMicroelectronics AN4638 Datasheet HTML 16Page - STMicroelectronics AN4638 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID027309 Rev 1
13/23
AN4638
HB series IGBTs on a 6 kW welder
23
components; for more details regarding these IGBTs, please refer to the relevant datasheet
available at www.st.com.
6.1
Overview of thermal and electrical measurements
The electrical measurements for the input power, output current and output power as well as
the temperature and time values achieved by the STGW60H65DFB IGBTs during the
electro-thermal analysis carried out on the board are detailed in the following table and
graph; the operating conditions for the application (220 VAC, 50 Hz input) are:
•
full load steady state operation at 90 A output current;
•
full load steady state operation at 130 A output current;
•
full load steady state operation at 165 A output current;
•
full load steady state operation at 200 A output current;
The case temperatures measurements were taken with thermocouples on the cases once
thermal stability was achieved by the devices running on the board. Operating times were
measured for maintained maximum output current (~200 A) until the thermal protection
interrupted operation.
Table 6. STGW60H65DFB main parameters
Device
Package
BVCES
IC@100 °C
Tj-max
VCESAT(typ)
@25 °C
STGW60H65DFB
TO-247
650 V
60 A
175 °C
1.6 V
Table 7. Thermal and electrical measurements
Device
Output current
(A)
Input power
(W)
Output power
(W)
Temp (°C)
Time (min:s)
STGW60H65DFB
90
~2683
~2233
59
130
~3864
~3172
71
165
~4949
~3997
87
200
~5883
~4624
8 min: 15 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com