Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4638 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4638 Datasheet HTML 1Page - STMicroelectronics AN4638 Datasheet HTML 2Page - STMicroelectronics AN4638 Datasheet HTML 3Page - STMicroelectronics AN4638 Datasheet HTML 4Page - STMicroelectronics AN4638 Datasheet HTML 5Page - STMicroelectronics AN4638 Datasheet HTML 6Page - STMicroelectronics AN4638 Datasheet HTML 7Page - STMicroelectronics AN4638 Datasheet HTML 8Page - STMicroelectronics AN4638 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID027309 Rev 1
5/23
AN4638
STMicroelectronics V and HB series IGBTs
23
2
STMicroelectronics V and HB series IGBTs
The 600 V/650 V trench gate field-stop technology IGBTs (V and HB series respectively)
were tested in two different single phase main welding machine platforms implementing the
two-switch forward converter configuration, as detailed below:
•
IGBTs STGW40V60DF and STGW60V60DF (TO-247 package) were two-by-two
parallel tested on a 4 kW application board, switching at ~63 kHz.
•
IGBTs STGW40H65DFB and STGW60H65DFB (TO-247 package) were two-by-two
parallel tested on a 6 kW application board, switching at ~58 kHz.
The following table shows the voltage and current ratings found in the electrical
characteristics section of the respective component datasheets.
Table 1. Voltage and current rating of IGBTs
Device
selection
Techno/
series
Blocking
voltage
rating
(VCES max)
Current
rating
(IC@100°C)
Main benefits
Key products
Primary
switches
Q1 and Q2
Trench gate
field stop
“V” series
600 V
40 A – 60 A
– very high switching
speed
– low thermal
resistance
– safe paralleling
operation
– very fast soft
recovery antiparallel
diode
– low saturation
voltage
– tail-less switching off
– positive VCE(sat)
temperature
coefficient
STGxnnV60DF
Trench gate
field stop
“HB” series
650 V
40 A – 60 A
– high switching
speed
– low thermal
resistance
– safe paralleling
operation
– very fast soft
recovery antiparallel
diode
– very low saturation
voltage
– minimized tail
current
– slightly positive
VCE(sat) temperature
coefficient
STGxnnH65DFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com