Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4638 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4638
Description  The two-switch forward converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4638 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4638 Datasheet HTML 15Page - STMicroelectronics AN4638 Datasheet HTML 16Page - STMicroelectronics AN4638 Datasheet HTML 17Page - STMicroelectronics AN4638 Datasheet HTML 18Page - STMicroelectronics AN4638 Datasheet HTML 19Page - STMicroelectronics AN4638 Datasheet HTML 20Page - STMicroelectronics AN4638 Datasheet HTML 21Page - STMicroelectronics AN4638 Datasheet HTML 22Page - STMicroelectronics AN4638 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID027309 Rev 1
21/23
AN4638
Topology equations and device selection
23
Setting the following electrical conditions at maximum input power operation for the 6 kW
welder:
Therefore, from the previous formulas, the maximum collector current is:
The last result is valid for a single IGBT device mounted in a two-switch forward
configuration, while for two devices connected in parallel, the value for each IGBT is:
which is the maximum operating collector current for a single IGBT device connected in a
paralleled configuration for a 6 kW welder.
Figure 13. Two switch forward topology
Figure 14. IGBT Collector current in CCM
P
IN
P
OUT
η
--------------
=
6000 W;
=
V
IN max
,
220
2;
⋅
=
I
∆
C max
,
25% I
C max
,
⋅
=
D
MAX
T
ONmax
T
---------------------
=
31%;
=
I
C ave on
,
,
P
OUT
η V
IN min
,
D
MAX
⋅
⋅
-----------------------------------------------
6000
220
2 0.31
⋅
⋅
--------------------------------------
62.2 A
=
=
=
I
C max
,
I
C ave on
,
,
I
∆
C
2
--------
I
C ave on
,
,
0.25 I
C max
,
⋅
2
--------------------------------
+
=
+
≥
I
C max
,
2 I
C ave on
,
,
⋅
1.75
-----------------------------
72 A
∼
≥
I
C max
,
72
2
------
36 A
=
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com