Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0222 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 5Page - STMicroelectronics PM0222 Datasheet HTML 6Page - STMicroelectronics PM0222 Datasheet HTML 7Page - STMicroelectronics PM0222 Datasheet HTML 8Page - STMicroelectronics PM0222 Datasheet HTML 9Page - STMicroelectronics PM0222 Datasheet HTML 10Page - STMicroelectronics PM0222 Datasheet HTML 11Page - STMicroelectronics PM0222 Datasheet HTML 12Page - STMicroelectronics PM0222 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID025476 Rev 1
9/33
PM0222
Clock configurations
33
3.2.2
CPU clock table
To allow fine tuning between computing performance and power consumption, Brain
provides numerous CPU clock configurations as listed in Table 4.
Table 4. CPU clock programming
CPU frequency
Configuration(1)
1. * = may be used to select other functionality / x = unused in this configuration
80 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**0011xxxx
40 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010000
26.666 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**0010xxxx
20 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010010
16 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**0000xxxx
13.333 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010011
10 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010100
8 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010101
5 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010110
4 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00010111
2.5 MHz
CRMU.CCR0[ 12 : 0 ] = 0b1*0**00011000
32 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***10111xxxx
16 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010000
10.666 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***10110xxxx
8 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010010
6.4 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***10100xxxx
5.333 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010011
4 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010100
3.2 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010101
2 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010110
1.6 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101010111
1 kHz
CRMU.CCR0[ 12 : 0 ] = 0b1***101011000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com