Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0222 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 19Page - STMicroelectronics PM0222 Datasheet HTML 20Page - STMicroelectronics PM0222 Datasheet HTML 21Page - STMicroelectronics PM0222 Datasheet HTML 22Page - STMicroelectronics PM0222 Datasheet HTML 23Page - STMicroelectronics PM0222 Datasheet HTML 24Page - STMicroelectronics PM0222 Datasheet HTML 25Page - STMicroelectronics PM0222 Datasheet HTML 26Page - STMicroelectronics PM0222 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID025476 Rev 1
23/33
PM0222
UART
33
9
UART
All UART registers are described in a structure defined in the Brain header file (.h) provided
by STMicroelectronics.
Brain has one UART available at the following address in the memory map:
UART APB base address: 0xA200_0000
9.1
FIFO management
The transmit and receive paths are buffered with internal FIFO memory enabling up to 32
bytes to be stored independently in both transmit and receive modes.
9.2
Baud rate calculation example
To define the UART baud rate generation there are two registers to configure, UARTIBRD
and UARTFBRD. Those two registers contain respectively the decimal and the fractional
part of the BAUDDIV data. We can calculate this data using the following formula:
BAUDDIV = ( FUARTCLK / (16 x Baud rate) )
With:
FUARTCLK is the UART reference clock frequency. It corresponds to the processor
clock divided by a programmable value from 2 to 127 (see Brain reference manual,
Clock and reset management unit chapter for more details).
Baud rate is the Baud rate required by the user’s program
The UARTFBRD field value is calculated as follows:
integer(fractional part of BAUDDIV * 64 + 0.5)
Example: calculating the divisor value
If the requested baud rate is 230400 and FUARTCLK = 4 MHz then:
BAUDDIV = ( 4 x 106 ) / ( 16 x 230400 ) = 1.085
This means that the decimal part BDRI = 1 and the fractional part BDRF = 0.085.
UART->UARTIBRD = 0x1; // configure the integer part of BAUDDIV
UART->UARTFBRD = 0x5; // configure the fractional part of BAUDDIV
See Brain reference manual, UART chapter, UARTFBRD register description for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com