Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0222 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 25Page - STMicroelectronics PM0222 Datasheet HTML 26Page - STMicroelectronics PM0222 Datasheet HTML 27Page - STMicroelectronics PM0222 Datasheet HTML 28Page - STMicroelectronics PM0222 Datasheet HTML 29Page - STMicroelectronics PM0222 Datasheet HTML 30Page - STMicroelectronics PM0222 Datasheet HTML 31Page - STMicroelectronics PM0222 Datasheet HTML 32Page - STMicroelectronics PM0222 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
SPI
PM0222
30/33
DocID025476 Rev 1
11.3
SPI configuration
Following a reset, the SPI logic is disabled and must be configured when in this state.
Control registers SSPCR0 and SSPCR1 need to be programmed to configure the peripheral
as a master or slave operating under one of the following protocols:
Motorola SPI
Texas Instruments SSI
National semiconductor Microwire
The bit rate is programmed in the clock prescale register SSPCPSR. All details about these
three protocols can be found in “ARM PrimeCell® Synchronous Serial Port (PL022)
Technical Reference Manual”.
The SSPCR0 is used to:
Program the serial clock rate
Select one of the three protocols
Select the data word size
The SSPCR1 is used to:
Select the master or slave mode
Enable a loop-back test feature
Enable the SPI peripheral
Before using these examples, the SPI module has to be enabled on the CRMU (see
Section 3.1: Peripheral clock gating). Furthermore, the correct mode has to be configured
for the corresponding IO (see Section 5.1.1: I/O mode).
11.3.1
Master SPI
This section will show an example of configuring the SPI IP in Motorola master mode with bit
phase and polarity (only for Motorola protocol) to zero (see Brain reference manual, SPI
chapter for more details), 16-bit data size and a bit rate defined by the processor clock
divided by two.
// SCR to zero, Motorola protocol, bit phase to zero, polarity to zero and 16-bit data
// transfer.
SPI1->SSPCR0 = 0x0<<8 | 0x0<<7 | 0x0<<6 | 0x00<<4 | 0xF
// select the master mode and enable the SPI
SPI1->SSPCR1 = 0x0<<2 | 0x1<<1
// CPSDVR to two. The bit rate will be the SPI clock (processor clock) divided by two.
SPI1->SSPCPSR = 0x2
After this configuration the SPI is ready to work as a master. A write to the transmit FIFO
through the SSPDR register will trigger a transaction. At the end of the transaction, the
received data is available by reading the SSPDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com