Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0222 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0222
Description  Brain smart hub family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0222 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0222 Datasheet HTML 8Page - STMicroelectronics PM0222 Datasheet HTML 9Page - STMicroelectronics PM0222 Datasheet HTML 10Page - STMicroelectronics PM0222 Datasheet HTML 11Page - STMicroelectronics PM0222 Datasheet HTML 12Page - STMicroelectronics PM0222 Datasheet HTML 13Page - STMicroelectronics PM0222 Datasheet HTML 14Page - STMicroelectronics PM0222 Datasheet HTML 15Page - STMicroelectronics PM0222 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
GPIO / IOs management
PM0222
12/33
DocID025476 Rev 1
5
GPIO / IOs management
Brain embeds 11 I/Os with a specific muxing: three different modes for each I/O (see
Table 5). The purpose of this chapter is to explain how to manage these modes. All GPIO
registers are described in a structure defined in the Brain header file (.h) provided by
STMicroelectronics. The GPIO registers are available at the following address in the
memory map:
GPIO APB base address: 0xA000_0000
5.1
I/O configuration
Before using the examples provided below, GPIO module has to be enabled on the CRMU
side (see Section 3.1: Peripheral clock gating).
5.1.1
I/O mode
To select a mode for an I/O, the GPIO_MODE register is used (see Figure 1: GPIO_MODE
configuration). Two bits are used to configure the I/O. After a reset, serial mode 0 (see
Table 5: GPIO modes) is the default configuration.
Table 5. GPIO modes
Ref.
Serial mode 0
Serial mode 1
GPIO port mode
GPIO_MODE_W = “00”
GPIO_MODE_W = “01”
GPIO_MODE_W = “10”
Signal
Type
Signal
Type
Signal
Type
IO0
SW_TDIO/J
TAG TMS
I/O
UART_CTS
I
GPIO0
I/O
IO1
SW_TCK/JT
AG TCK
I
UART_RTS
O
GPIO1
I/O
IO2
I2C2_SCL
I
UART_TXD
O
GPIO2
I/O
IO3(1)
1. In serial mode 0, IO3 must be configured as an I2C mode pad (i.e. I2C_CONF[1] = 1).
In serial mode 1 and GPIO port mode, IO3 must be configured as normal mode (I2C_CONF[1] = 0).
I2C2_SDA
I/O
UART_RXD
I
GPIO3
I/O
IO4
JTAG TDO
O
NA
I
GPIO4
I/O
IO5
JTAG TDI
I
NA
I
GPIO5
I/O
IO6(2)
2. After reset, IO6 outputs the 80 MHz clock divided by five.
Divided
CLK80M
O
CLK32K
O
GPIO6
I/O
IO7
I2C1 SCL
I/O
SPI_CLK
I/O
GPIO7
I/O
IO8
I2C1 SDA
I/O
SPI_OUT
O
GPIO8
I/O
IO9
NA
I
SPI_CS
I
GPIO9
I/O
IO10
NA
I
SPI_IN
I
GPIO10
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com