Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1330 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology LT1330 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LT1330
7
1330fb
ESD PROTECTION
The RS232 line inputs of the LT1330 have on-chip protection
from ESD transients up to ±10kV. The protection structures
act to divert the static discharge safely to system ground.
In order for the ESD protection to function effectively,
the power supply and ground pins of the LT1330 must
be connected to ground through low impedances. The
power supply decoupling capacitors and charge pump
storage capacitors provide this low impedance in normal
application of the circuit. The only constraint is that low
ESR capacitors must be used for bypassing and charge
storage. ESD testing must be done with pins VCC, VL, V+,
V –, and GND shorted to ground or connected with low
ESR capacitors.
1330 TC01
5V VCC
1μF
0.2μF
0.1μF
RS232
LINE PINS
PROTECTED
TO ±10kV
LT1330
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
3V VL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.2μF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
V–
V+
0.1μF
GND
DRIVER DISABLE
0.1μF
ESD Test Circuit
APPLICATIONS INFORMATION
Storage Capacitor Selection
The V+ and V – storage capacitors must be chosen care-
fully to insure low ripple and stable operation. The LT1330
charge pump operates in a power efficient Burst Mode®
operation. When storage capacitor voltage drops below
a preset threshold, the oscillator is gated on until V+ and
V– are boosted up to levels exceeding a second threshold.
The oscillator then turns off, and current is supplied from
the V+ and V – storage capacitors.
The V– potential is monitored to control charge pump
operation. It is therefore important to insure lower V+ ripple
than V – ripple, or erratic operation of the charge pump will
result. Proper operation is insured in most applications
by choosing the V+ filter capacitor to be at least 5 times
the V– filter capacitor value. If V+ is more heavily loaded
than V–, a larger ratio may be needed.
The V – filter capacitor should be selected to obtain low
ripple when the drivers are loaded, forcing the charge
pump into continuous mode. A minimum value 0.1μF is
suggested.
Do not attempt to reduce V– ripple when the charge pump
is in discontinuous Burst Mode operation. The ripple in this
mode is determined by internal comparator thresholds.
Larger storage capacitor values increase the burst period,
and do not reduce ripple amplitude.
Power Saving Operational Modes
The LT1330 has both shutdown and driver disable operating
modes. These operating modes can optimize power
consumption based upon applications needs.
The On/Off shutdown control turns off all circuitry except
for Low-Q RX5. When RX5 detects a signal, this information
can be used to wake up the system for full operation.
If more than one line must be monitored, the driver
disable mode provides a power efficient operating option.
The driver disable mode turns off the charge pump and
RS232 drivers, but keeps all five receivers active. Power
consumption in driver disable mode is 3mA from VCC.
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com