Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1330 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 4 Page - Linear Technology

  LT1330 Datasheet HTML 1Page - Linear Technology LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LT1330
4
1330fb
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Output Voltage
Receiver Input Thresholds
Supply Current vs Data Rate
VCC Supply Current in Shutdown
VCC Supply Current in
Driver Disable
DRIVER DISABLE Threshold
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Testing done at VCC = 5V and VON/OFF = 3V.
Note 3: Supply current is measured as the average over several charge
pump burst cycles. C+ = 1.0μF, C – = 0.1μF, C1 = C2 = 0.2μF. All outputs are
open, with all driver inputs tied high.
Note 4: VL supply current is measured with all receiver outputs low.
Note 5: Measurements in shutdown are performed with VON/OFF ≤ 0.1V.
Supply current measurements using driver disable are performed with
VDRIVER DISABLE ≥ 3V.
Note 6: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tHL = 1.4V to 0V and tLH = 1.4V to 0V).
Note 7: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition to
standard TTL/CMOS logic threshold (tHL = 1.3V to 2.4V and tLH = 1.7V to 0.8V).
Note 8: Data rate operation guaranteed by slew rate, short-circuit current
and propagation delay tests.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range (0°C ≤ TA ≤ 70°C for commercial grade).
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
1330 G01
–6
6
8
2
–25
25
100
125
OUTPUT HIGH
OUTPUT LOW
RL = 3k
VCC = 5V
VCC = 4.5V
VCC = 4.5V
VCC = 5V
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
1330 G02
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
DATA RATE (kBAUD)
0
0
20
30
40
60
25
50
125
150
1330 G03
70
80
50
10
75
100
3 DRIVERS ACTIVE
RL = 3k
CL = 2500pF
TEMPERATURE (°C)
–55
100
125
150
25
75
1330 G04
75
50
–25
0
50
100
125
25
0
TEMPERATURE (°C)
–55
0
2
5
0
50
75
1330 G05
1
4
3
–25
25
100
125
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
1330 G06
1.5
1.0
–25
0
50
100
125
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com