Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1330 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 1 Page - Linear Technology

  LT1330 Datasheet HTML 1Page - Linear Technology LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LT1330
1
1330fb
TYPICAL APPLICATION
DESCRIPTION
5V RS232 Transceiver with
3V Logic Interface and One
Receiver Active in Shutdown
The LT®1330 is a three driver, five receiver RS232 trans-
ceiver with low supply current. Designed to interface
with new 3V logic, the LT1330 operates with both a 5V
power supply and a 3V logic power supply. The chip may
be shut down to micropower operation with one receiver
remaining active to monitor RS232 inputs such as ring
detect from a modem.
The LT1330 is fully compliant with all EIA RS232 spec-
ifications. Additionally, the RS232 line input and output pins
are resilient to multiple ±10kV ESD strikes. This eliminates
the need for costly TransZorbs® on line pins for the RS232
part.
The LT1330 operates to 120kbaud even driving high
capacitive loads. During shutdown, driver and receiver
outputs are at a high impedance state allowing devices to
be paralleled.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
TransZorb is a registered trademark of General Instrments, GSI.
FEATURES
APPLICATIONS
n 3V Logic Interface
n ESD Protection over ±10kV
n Uses Small Capacitors: 0.1μF, 0.2μF, 1.0μF
n One Low Power Receiver Remains Active While in
Shutdown
n Pin Compatible with LT1137A and LT1237
n 120kBaud Operation for RL = 3k, CL = 2500pF
n 250kBaud Operation for RL = 3k, CL = 1000pF
n CMOS Comparable Low Power: 30mW
n Easy PC Layout—Flowthrough Architecture
n Rugged Bipolar Design
n Outputs Assume a High Impedance State When Off
or Powered Down
n Absolutely No Latchup
n 60μA Supply Current in Shutdown
n Available in SO and SSOP Packages
n Notebook Computers
n Palmtop Computers
1330 TA01
5V VCC
1.0μF
2
0.1μF
0.1μF
TO
LINE
LT1330
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
3V VL
28
27
26
25
24
23
22
21
20
19
18
17
16
15
2
0.1μF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT (LOW-Q)
GND
DRIVER
DISABLE
RING DETECT IN
SHUTDOWN
CONTROL OUT
μCONTROLLER OR
μPROCESSOR
TO LOGIC
V–
V+
1330 TA02
Output Waveforms
RECEIVER
OUTPUT
VL = 3V
CL = 50pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT


Similar Part No. - LT1330

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1330C LINER-LT1330C Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1330CG LINER-LT1330CG Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1330CJW LINER-LT1330CJW Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1330CNW LINER-LT1330CNW Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
More results

Similar Description - LT1330

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1237 LINER-LT1237 Datasheet
175Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1331 LINER-LT1331 Datasheet
245Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1342 LINER-LT1342 Datasheet
245Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1237 LINER-LT1237_15 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1342 LINER-LT1342_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with 3V Logic Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com