Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1330 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1330
Description  5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1330 Datasheet(HTML) 5 Page - Linear Technology

  LT1330 Datasheet HTML 1Page - Linear Technology LT1330 Datasheet HTML 2Page - Linear Technology LT1330 Datasheet HTML 3Page - Linear Technology LT1330 Datasheet HTML 4Page - Linear Technology LT1330 Datasheet HTML 5Page - Linear Technology LT1330 Datasheet HTML 6Page - Linear Technology LT1330 Datasheet HTML 7Page - Linear Technology LT1330 Datasheet HTML 8Page - Linear Technology LT1330 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LT1330
5
1330fb
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Short-Circuit Current
Receiver Short-Circuit Current
Receiver Output Waveforms
Driver Output Waveforms
ON/OFF Thresholds
VCC Supply Current
Driver Leakage in Shutdown
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
1330 G07
1.5
1.0
–25
0
50
100
125
0.5
0
ON THRESHOLD
OFF THRESHOLD
TEMPERATURE (°C)
0
10
15
20
30
1330 G08
35
40
25
5
3 DRIVERS LOADED
RL = 3k
–55
0
50
75
–25
25
100
125
1 DRIVER LOADED
RL = 3k
NO LOAD
TEMPERATURE (°C)
0.1
10
100
1330 G09
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
TEMPERATURE (°C)
–55
20
25
30
25
75
1330 G10
15
10
–25
0
50
100
125
5
0
ISC
+
ISC
–
TEMPERATURE (°C)
–55
0
15
40
0
50
75
1330 G11
10
35
25
–25
25
100
125
30
20
5
RX1 TO RX4
ISC+
RX1 TO RX4
ISC–
RX5 ISC+
RX5 ISC–
VL = 3V
RX5 OUTPUT
CL = 50pF
INPUT
RX1 TO RX4
OUTPUT
CL = 50pF
1300 G12
DRIVER OUTPUT
RL = 3k
CL = 2500pF
INPUT
DRIVER OUTPUT
RL = 3k
1300 G13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com