Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN871 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics AN871 Datasheet HTML 10Page - STMicroelectronics AN871 Datasheet HTML 11Page - STMicroelectronics AN871 Datasheet HTML 12Page - STMicroelectronics AN871 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
AN871 APPLICATION NOTE
APPENDIX
Figure 12. SCR and TRIAC
Figure 13. Packages
ON
OFF
0
V
i
N
METALLIZATION
N
P
P
P
cathode
gate
oxyde
oxyde
anode
METALLIZATION
CURRENT RANGE : 0.8A to 50A
VOLTAGE RANGE : 100V to 1000V
GATE CURRENT : 20
µA to 10mA
ON+
ON-
OFF+
OFF-
i
V
0
cathode
METALLIZATION
GLASS
PN
P
N
N
N+
N
gate
anode
METALLIZATION
CURRENT RANGE : 0.8A to 50A
VOLTAGE RANGE : 400V to 800V
GATE CURRENT : 3mA to 50mA (4 quadrants)
SO92
DPAK
D2PAK
SOT194
SO23
SOT223
TO220
POWERSO-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com