Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN871 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 5 Page - STMicroelectronics

  AN871 Datasheet HTML 1Page - STMicroelectronics AN871 Datasheet HTML 2Page - STMicroelectronics AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
AN871 APPLICATION NOTE
Figure 5. Ignition circuit with Triac: In case B the Triac is triggered by a negative gate current. In
case A, no freewheel diode is needed
Safety equipment. The discharge of capacitor is also widely used in safety equipment which sets powder
trigger mechanism in action: Air bag, belt pretensionner, etc...
In such a system, SCR’s are generally the best choice to provide high energy pulse with less than one
microsecond response time. Usually, the gate trigger drive of the SCR circuit is very simple and therefore
provides a high reliability (see Figure 6).
+V(400V)
Conv.
DC/DC
(A)
SPARK PLUG
Vcc
DRIVER
IG
SPARK PLUG
+V(400V)
IG
+Vbat
DRIVER
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com