Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN871 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 4 Page - STMicroelectronics

  AN871 Datasheet HTML 1Page - STMicroelectronics AN871 Datasheet HTML 2Page - STMicroelectronics AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AN871 APPLICATION NOTE
4/13
Figure 4. Ignition circuit with SCR: storage capacitor connected across input voltage source
In these circuits the diode D acts as a freewheel diode to ensure the complete discharge of the energy
stored in the capacitor C.
The current through the transformer is oscillating in the cases 3A and 4A and unidirectional in the cases
4A and 4B.
Utilization of triac
The triac can be used as a very flexible unidirectional or bidirectional switch in such a circuit.
Moreover, it can be triggered with a negative gate current. This feature allows the use of standard buffer
circuit for the gate control (see Figure 5).
(A)
D
+V
(B)
D
+V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com