Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN871 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN871
Description  In power electronics the choice of the switch to be used is always very important
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN871 Datasheet(HTML) 2 Page - STMicroelectronics

  AN871 Datasheet HTML 1Page - STMicroelectronics AN871 Datasheet HTML 2Page - STMicroelectronics AN871 Datasheet HTML 3Page - STMicroelectronics AN871 Datasheet HTML 4Page - STMicroelectronics AN871 Datasheet HTML 5Page - STMicroelectronics AN871 Datasheet HTML 6Page - STMicroelectronics AN871 Datasheet HTML 7Page - STMicroelectronics AN871 Datasheet HTML 8Page - STMicroelectronics AN871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AN871 APPLICATION NOTE
2/13
Figure 1. Triac triggering in the 4 quadrants
On - state
In conduction, the thyristor structure is auto saturated and the voltage drop is in the order of 1 to 2 volts
for a current density in the range of 1 to 10 A/mm2.
This switch can operate with average currents in the range of few amps in continuous mode and overall,
this on-state characteristic provides a very good behavior in high current pulse operation (see Figure 2).
Figure 2. Low voltage drop at high level of current (A) provides a high surge current capability (B)
Switching - off
The thyristor turns off automatically when the load current decreases below the holding current level (IH)
which is generally in the range of few milliampere.
In car applications SCR and triacs are ideal for switching circuits associated with relays or any other circuit
which use a mechanical or semiconductor switch to interrupt current, and for capacity discharge circuits.
(+) A2
A1
QUADRANT 1
la
G
+lg
(-) A2
A1
QUADRANT 4
la
G
+lg
(+) A2
A1
QUADRANT 2
la
G
-lg
(-) A2
A1
QUADRANT 3
la
G
-lg
(A)
on-state current-voltage
characteristic of a thyristor
surge current versus duration
0
0,5
1
S= 1,5 mm2
S= 4 mm2
S= 4 mm2
S= 1,5 mm2
1,5
2
2,5
3
5
200
0,01
01
1
10
400
600
800
10
15
VF (V)
S = surface of the
sicon die
(B)
Duration (ms)
IF (A)
Peak Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com