Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN913 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN913
Description  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN913 Datasheet HTML 2Page - STMicroelectronics AN913 Datasheet HTML 3Page - STMicroelectronics AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics AN913 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
3 PROGRAM EXAMPLE
.vers "st6230"
.romsize 8
;*** data registers ***
.input "623x.asm"
;*** data RAM ***
Msb_inc1.def
084h
; Msb of the increment tone 1
Lsb_inc1.def
085h
; Lsb of the increment tone 1
Msb_inc2.def
086h
; Msb of the increment tone 2
Lsb_inc2.def
087h
; Lsb of the increment tone 2
Msb_ton1.def
088h
; Msb of the tone 1
Lsb_ton1.def
089h
; Lsb of the tone 1
Msb_ton2.def
08Ah
; Msb of the tone 2
Lsb_ton2.def
08Bh
; Lsb of the tone 2
WaitTone.def
08Ch
; even -> tone, odd -> break
NToSend.def
08Dh
; Number to dial from the telephone number
Tel_Num.def
08Eh
; Telephone number to dial
;*** Definition ***
OVFFLG .def 2
; Overflow flag bit position
tmz
.equ 7
; This bit must be cleared by user software
; before starting a new count.
;***************************************************************************
.org 800h
;*** sinus() ***
sinus:
.byte
040h,046h,04ch,052h,058h,05eh,063h,068h
.byte
06dh,071h,074h,078h,07ah,07ch,07eh,07fh
.byte
07fh,07fh,07eh,07ch,07ah,078h,074h,071h
.byte
06dh,068h,063h,05eh,058h,052h,04ch,046h
.byte
040h,03ah,034h,02eh,028h,022h,01dh,018h
.byte
013h,0fh,0ch,08h,06h,04h,02h,01h
.byte
01h,01h,02h,04h,06h,08h,0ch,0fh
.byte
013h,018h,01dh,022h,028h,02eh,034h,03ah
num_dial:
;*** f(16 bits)=F(Hz)/5319*64*256 ***
;
FREQ1
FREQ2
;
Msb1 Lsb1 Msb2 Lsb2
.byte
0bh, 53h, 10h, 13h;number 0
.byte
08h, 63h, 0eh, 8ch;number 1
.byte
08h, 63h, 10h, 13h;number 2
.byte
08h, 63h, 11h,0c6H;number 3
.byte
09h, 44h, 0eh, 8ch;number 4
.byte
09h, 44h, 10h, 13h;number 5
.byte
09h, 44h, 11h,0c6h;number 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com