Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN913 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN913
Description  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 Datasheet(HTML) 4 Page - STMicroelectronics

  AN913 Datasheet HTML 1Page - STMicroelectronics AN913 Datasheet HTML 2Page - STMicroelectronics AN913 Datasheet HTML 3Page - STMicroelectronics AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
Figure 2. PWM Timer Operation with PWMPOL=0, MASK=FFFFh and RELOAD mode
(Reload bit=1)
Example:
The purpose of this example is to use the PWM as an 8-bit precision DAC for a Telecom
DTMF application.
DTMF is a succession of breaks and tones. The tone is made of two sinus waves for each digit
to send.
To make the sinus waves, we use a window look-up table of 64 samples. For each frequency
the phase is calculated with 16-bit precision and the look-up table is indexed with the 8 most
significant bits. The sum of the two values obtained from the look-up table is loaded in the
CMP register.
The PWM is selected with the set/reset mode.
With a 8MHz clock frequency, a PSC value of 4 and a RLCP register value at 177h
(RLCPH=100h and RLCPL=77h) the PWM gives a sample frequency of:
8MHz/(4*(177h+1)) = 5319Hz
This frequency is the highest one in order to have 115 CPU cycles to calculate the tone.
To calculate the sinus wave with only 8 bits, the sinus table gives data between 1 and 7Fh.
The addition of the two sinus waves gives an 8-bit data stored in the CMP register when an
overflow occurs.
To avoid the TC register going below the maximum value of the CMP register (which is the
maximum value of the DTMF result FFh) when the program wants to reload the CMP register
after an ARTimer overflow, the CPU cycle time between the overflow and TC=FFh equals:
(177h-FFh)*4/8MHz*8MHz/13 = 36 cycles
Reload
Register
Compare
Value
0
t
up to 65536
Overflow
PWM
ouput
t
MASK&TC=MASK&CMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com