Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN913 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN913
Description  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN913 Datasheet HTML 3Page - STMicroelectronics AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics AN913 Datasheet HTML 10Page - STMicroelectronics AN913 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
.byte
0ah, 40h, 0eh, 8ch;number 7
.byte
0ah, 40h, 10h, 13h;number 8
.byte
0ah, 40h, 11h,0c6h;number 9
.byte
08h, 63h, 13h,0a6h;number A
.byte
09h, 44h, 13h,0a6h;number B
.byte
0ah, 40h, 13h,0a6h;number C
.byte
0bh, 53h, 13h,0a6h;number D
.byte
0bh, 53h, 0eh, 8ch;number *
.byte
0bh, 53h, 11h,0c6h;number #
;********************** INITIALIZATION ********************************
reset
reti
ldi
drwr,20h
; Rom window with sinus
ldi
Lsb_ton1,0h ; Initialize the tone for break
ldi
Msb_ton1,0h
ldi
Lsb_ton2,0h
ldi
Msb_ton2,0h
ldi
Lsb_inc1,0h
ldi
Msb_inc1,0h
ldi
Lsb_inc2,0h
ldi
Msb_inc2,0h
ldi
x,#Tel_Num
; The Telephone number is 01234567
ldi
a,0
ld
Tel_Num,a
ldi
a,1
ld
Tel_Num+1,a
ldi
a,2
ld
Tel_Num+2,a
ldi
a,3
ld
Tel_Num+3,a
ldi
a,4
ld
Tel_Num+4,a
ldi
a,5
ld
Tel_Num+5,a
ldi
a,6
ld
Tel_Num+6,a
ldi
a,7
ld
Tel_Num+7,a
ldi
a,7
ld
Tel_Num+8,a
ldi
a,8
ld
Tel_Num+9,a
ldi
WaitTone,0
; WaitTone is even to start with tone
; instead of break
ldi
NToSend,0
; First number to dial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com