Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN913 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN913
Description  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 Datasheet(HTML) 5 Page - STMicroelectronics

  AN913 Datasheet HTML 1Page - STMicroelectronics AN913 Datasheet HTML 2Page - STMicroelectronics AN913 Datasheet HTML 3Page - STMicroelectronics AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
36 cycles are enough to load the CMP register after the overflow.
This program dials a telephone number, for example 012345678 and loops when it is finished.
To manage the timing (40ms for the break and 96ms for the tone), the standard 8-bit timer in-
terrupts the sinus calculation. The input clock pin of the standard 8-bit timer is connected to
the ARTimer OVF output pin which is set in toggle mode to give a frequency of:
5319/2=2659.5Hz. (toggle mode divide the 5319Hz by 2).
The TCR register of the standard 8-bit timer is loaded with:
40ms*2659.5 = 6Ah for the break
96ms*2659.5 = FFh for the tone
To be connected to a telephone line, a 2-order analog 500Hz/1700Hz Tchebycheff bandpass
filter is enough (see Figure 3.).
To respect the maximum shift frequency of +/- 10Hz for each frequency the clock frequency
precision must be better than:
10/1633=0.61% (1633 is the maximum DTMF frequency used).
Figure 3. Connection between modules
OVF
TIMER
500/1700Hz
PSC=4
ARTIMER
PSC=4
TIMER
2659.5Hz
fosc=8MHz
ITtimer
Telephone line interface
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com