Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD46185092B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 9Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 10Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 11Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 12Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 13Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 14Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 15Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 16Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 13 of 35
Nov 09, 2012
Electrical Characteristics
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
−0.5 to +2.5
V
Output supply voltage
VDDQ
−0.5 to VDD
V
Input voltage
VIN
−0.5 to VDD+0.5 (2.5 V MAX.)
V
Input / Output voltage
VI/O
−0.5 to VDDQ+0.5 (2.5 V MAX.)
V
Operating ambient temperature
TA
(E** series)
0 to 70
°C
(E**Y series)
−40 to 85
°C
Storage temperature
Tstg
−55 to +125
°C
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = 0 to 70
°C, TA = −40 to 85°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit Note
Supply voltage
VDD
1.7
1.8
1.9
V
Output supply voltage
VDDQ
1.4
VDD
V
1
Input HIGH voltage
VIH (DC)
VREF
+0.1
VDDQ
+0.3
V
1, 2
Input LOW voltage
VIL (DC)
−0.3
VREF
−0.1
V
1, 2
Clock input voltage
VIN
−0.3
VDDQ
+0.3
V
1, 2
Reference voltage
VREF
0.68
0.95
V
Notes 1. During normal operation, VDDQ must not exceed VDD.
2. Power-up: VIH
≤ VDDQ+0.3 V and VDD ≤ 1.7 V and VDDQ ≤ 1.4 V for t ≤ 200 ms
Recommended AC Operating Conditions (TA = 0 to 70
°C, TA = −40 to 85°C)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Note
Input HIGH voltage
VIH (AC)
VREF
+0.2
V
1
Input LOW voltage
VIL (AC)
VREF
−0.2
V
1
Note 1. Overshoot: VIH (AC)
≤ VDD+0.7 V (2.5 V MAX.) for t ≤ TKHKH/2
Undershoot: VIL (AC)
≥−0.5 V for t ≤ TKHKH/2
Control input signals may not have pulse widths less than TKHKL (MIN.) or operate at cycle rates less than
TKHKH (MIN.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com