Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD46185092B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 10Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 11Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 12Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 13Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 14Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 15Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 16Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 17Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 14 of 35
Nov 09, 2012
DC Characteristics 1 (TA = 0 to 70
°C, VDD = 1.8 ± 0.1 V)
Parameter
Symbol
Test condition
MIN.
MAX.
Unit Note
x9
x18
x36
Input leakage current
ILI
−2
+2
μA
I/O leakage current
ILO
−2
+2
μA
Operating supply current
IDD
VIN
≤ VIL or VIN ≥ VIH,
-E33
570
690
770 mA
(Read cycle / Write cycle)
II/O = 0 mA,
Cycle = MAX.
-E40
510
610
690
Standby supply current
ISB1
VIN
≤ VIL or VIN ≥ VIH,
-E33
310
320
340 mA
(NOP)
II/O = 0 mA,
Cycle = MAX.
-E40
300
310
330
Inputs static
Output HIGH voltage
VOH(Low)
|IOH|
≤ 0.1 mA
VDDQ
−0.2
VDDQ
V
3,4
VOH
Note1
VDDQ/2
−0.12
VDDQ/2+0.12
V
3,4
Output LOW voltage
VOL(Low)
IOL
≤ 0.1 mA
VSS
0.2
V
3,4
VOL
Note2
VDDQ/2
−0.12
VDDQ/2+0.12
V
3,4
Notes 1. Outputs are impedance-controlled. | IOH | = (VDDQ/2)/(RQ/5)
±15% for values of 175 Ω ≤ RQ ≤ 350 Ω.
2. Outputs are impedance-controlled. IOL = (VDDQ/2)/(RQ/5)
±15% for values of 175 Ω ≤ RQ ≤ 350 Ω.
3. AC load current is higher than the shown DC values.
4. HSTL outputs meet JEDEC HSTL Class I standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com