Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD46185092B Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 18Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 19Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 20Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 21Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 22Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 23Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 24Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 25Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 22 of 35
Nov 09, 2012
JTAG Specification
These products support a limited set of JTAG functions as in IEEE standard 1149.1.
Test Access Port (TAP) Pins
Pin name
Pin assignments
Description
TCK
2R
Test Clock Input. All input are captured on the rising edge of TCK and all
outputs propagate from the falling edge of TCK.
TMS
10R
Test Mode Select. This is the command input for the TAP controller state
machine.
TDI
11R
Test Data Input. This is the input side of the serial registers placed between
TDI and TDO. The register placed between TDI and TDO is determined by the
state of the TAP controller state machine and the instruction that is currently
loaded in the TAP instruction.
TDO
1R
Test Data Output. This is the output side of the serial registers placed between
TDI and TDO. Output changes in response to the falling edge of TCK.
Remark The device does not have TRST (TAP reset). The Test-Logic Reset state is entered while TMS is held HIGH
for five rising edges of TCK. The TAP controller state is also reset on the SRAM POWER-UP.
JTAG DC Characteristics (TA = 0 to 70
°C, VDD = 1.8 ± 0.1 V, unless otherwise noted)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
JTAG Input leakage current
ILI
0 V
≤ VIN ≤ VDD
−5.0
+5.0
μA
JTAG I/O leakage current
ILO
0 V
≤ VIN ≤ VDDQ,
−5.0
+5.0
μA
Outputs disabled
JTAG input HIGH voltage
VIH
1.3
VDD
+0.3
V
JTAG input LOW voltage
VIL
−0.3
+0.5
V
JTAG output HIGH voltage
VOH1
| IOHC | = 100
μA
1.6
V
VOH2
| IOHT | = 2 mA
1.4
V
JTAG output LOW voltage
VOL1
IOLC = 100
μA
0.2
V
VOL2
IOLT = 2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com