Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD46185092B Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # PD46185092B
Description  18M-BIT QDRTM II SRAM 2-WORD BURST OPERATION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD46185092B Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button PD46185092B_15 Datasheet HTML 13Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 14Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 15Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 16Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 17Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 18Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 19Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 20Page - Renesas Technology Corp PD46185092B_15 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
μPD46185092B, μPD46185182B, μPD46185362B
R10DS0112EJ0200 Rev.2.00
Page 17 of 35
Nov 09, 2012
AC Characteristics (TA = 0 to 70
°C, TA = −40 to 85°C, VDD = 1.8 ± 0.1 V)
AC Test Conditions (VDD = 1.8
± 0.1 V, VDDQ = 1.4 V to VDD)
Input waveform (Rise / Fall time
≤ 0.3 ns)
0.75 V
0.75 V
Test Points
1.25 V
0.25 V
Output waveform
VDDQ / 2
VDDQ / 2
Test Points
Output load condition
Figure 1. External load at test
VDDQ / 2
0.75 V
50
Ω
ZO = 50
Ω
250
Ω
SRAM
VREF
ZQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com