Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX6048VRNET Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # APSX6048VRNET
Description  PowerVerter APS X 6000W 48VDC 208/230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX6048VRNET Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  APSX6048VRNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC System Voltage (VDC)
48
Battery Pack Accessory (Optional)
98-121 sealed lead acid battery (optional)
Battery Charge
Selectable 23 / 90 amp
Expandable Runtime
Yes
VOLTAGE REGULATION
Voltage Regulation Description
Includes automatic voltage regulation to correct brownouts and over-voltages back to usable levels
Overvoltage Correction
Over-voltages are automatically reduced by 10%
Brownout Correction
Brownouts are automatically boosted by 10% and 20%
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterruptible power mode, auto/remote setting enables automatic transfer from line power to
battery power - to maintain continuous AC power to connected loads.
PHYSICAL
Shipping Dimensions (hwd / in.)
17.13 x 23.82 x 14.17
Shipping Dimensions (hwd / cm)
43.51 x 60.5 x 36
Shipping Weight (lbs.)
125
Shipping Weight (kg)
56.25
Unit Dimensions (hwd / in.)
10 x 19.5 x 9
Unit Dimensions (hwd / cm)
25.5 x 49.5 x 22.71
Unit Weight (lbs.)
106
Unit Weight (kg)
47.7
Cooling Method
Dual multi-speed fan
Material of Construction
Metal
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
Transfer Time (Line Power to
Battery Mode)
Dip-switch selectable 20 millisecond (full cycle) / 10 millisecond (half-cycle) transfer times which are compatible with
many computers, servers and networking equipment - verify transfer time compatibility of loads for UPS applications
Low Voltage Transfer to Battery
Power
In 230V AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 170V AC (user
adjustable to 180V). In 208V AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to
165V (user adjustable to 175V)-see manual
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com