Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX6048VRNET Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # APSX6048VRNET
Description  PowerVerter APS X 6000W 48VDC 208/230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX6048VRNET Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  APSX6048VRNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Voltage Transfer to Battery
Power
In 230V AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 260V (user
adjustable to 270 - see manual), In 208V AC "auto" mode, inverter/charger switches to battery mode as line voltage
increases to 235V (user adjustable to 245V-see manual)
SPECIAL FEATURES
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level, up to 150 watts.
Remote Control Capability
Yes
TVSS Grounding
Main grounding lug connects inverter/charger to earth or vehicle chassis ground
CERTIFICATIONS
Certifications
RoHS compliant
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com