Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX6048VRNET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSX6048VRNET
Description  PowerVerter APS X 6000W 48VDC 208/230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX6048VRNET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSX6048VRNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Set of 6 front panel LEDs display continuous status information
Set of 4 dip switches support AC input selection of 230V, selectable 50 /60Hz frequency, and selectable full or half cycle transfer times
Set of 4 dip switches support wet/gel battery charging profiles, adjustable 260/270V (230V) high voltage auto transfer during overvoltages and selectable
150/60V / 170/180V (230V) AC low voltage auto transfer during brownouts
Set of 4 additional dip switches support battery equalization program and battery charger low / high settings
Automatic overload and thermal (overheating) shutoff
Front panel remote control connector enables remote off/on switching (APSRM4 sold separately)
Load sensing control dial enables adjustable load threshold required to automatically turn the inverter on and off in DC mode as load conditions change
Automatic Generator Starter jack enables user configuration of automatic generator start-up as inverter batteries drop to 23.0 VDC and generator shutoff
as inverter batteries are recharged to 28.2 VDC.
Remote battery temperature sensing connection function prolongs battery life by adjusting the charge float voltage level based on battery temperature
DB9 communication port for SNMPWEBSOLOHV management.
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
Hardwire
Output (Watts)
6000
Continuous Output Capacity (Watts)
6000
Peak Output Capacity (Watts)
12000
Output Nominal Voltage
208/230V
Output Voltage Regulation
LINE POWER (AC): Maintains 208/230V nominal sine wave output from line power source. INVERTER POWER
(AC): Maintains sine wave output voltage of 208/230 VAC (+/-5%).
Output Frequency Regulation
50/60 Hz (+/- 0.3 Hz)
Pure Sine Wave Output
No
INPUT
Nominal Input Voltage(s) Supported
208V AC; 230V AC
Recommended Electrical Service
DC INPUT: Requires 48VDC input source capable of delivering 138A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire installation with 250A minimum battery system fusing is recommended.
Maximum Input Amps / Watts
DC INPUT: Full continuous load - 145A at 48VDC. AC INPUT: 30 amps at 208/230VAC with full inverter and charger
load
Input Connection Type
DC INPUT: Set of DC bolt-down terminals. AC INPUT: Hardwire via built in terminal strip with cover plate
Voltage Compatibility (VAC)
208; 230
Voltage Compatibility (VDC)
48
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com