Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSX6048VRNET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX6048VRNET
Description  PowerVerter APS X 6000W 48VDC 208/230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX6048VRNET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX6048VRNET Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX6048VRNET Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter APS X 6000W 48VDC 208/230V
Inverter/Charger with Line-Interactive AVR,
Hardwired
MODEL NUMBER: APSX6048VRNET
Description
Tripp Lite's APSX6048VR DC-to-AC inverter with automatic line-to-battery transfer and integrated charging
system serves as an extended run UPS, a standalone power source or an inverter. Supplies up to 6000 watts of
continuous 208 or 230V sine wave AC power from any 48V battery or automotive DC source. When hardwire AC
input is energized, commercial power passes through to connected equipment and the battery set is recharged
via 3 stage, 23/90 amp charging system. In UPS mode, the APS system responds to blackouts and severe
voltage fluctuations with a near instantaneous automatic transfer to battery-derived AC output. Includes a set of
high current DC input terminals for simple installation (user supplies batteries and cabling - see owner's manual
for recommendations). Passes sine wave utility or generator power during battery charging and UPS line power
operation, and sine wave AC output in inverter and UPS backup modes. Built-in Automatic Voltage Regulation
(AVR) corrects line power AC brownouts and overvoltages without using battery power during battery charging
and UPS standby modes. Reliable large transformer design, with frequency control powers resistive electronic
loads or large inductive motors, compressors and other items with high current needs on startup. Optional
APSRM4 wired remote power switch with full status LEDs provides remote power inverter on/off switching and
continuous status information (part# APSRM4 sold separately). Supports an unlimited amount of runtime with
any number of user-supplied batteries connected. Highly adaptable to a variety of applications and site
conditions with adjustable charger settings for wet/gel battery types and selectable line to battery power transfer
voltages. DB9 communication port for SNMPWEBSOLOHV management.
Features
Supports 208/230V AC output from a 208/230V AC line power source or 48V DC battery source
6000W continuous sinewave AC output in inverter mode
Double Boost output supports momentary start-up loads up to 200% of the continuous rating for up to 10 seconds (see specification chart) - OverPower
output supports longer duration overloads to 150% for up to 60 seconds
3-stage, selectable 23/90 amp battery charger with adjustable settings for wet/gel battery types
Highlights
48V DC or 208/230V (selectable)
AC input; 208/230V, 50/60 Hz,
pure sine wave output
(hardwired)
6000 watts continuous, 9000
watts OverPower and 12000
watts DoubleBoost inverter output
3-stage, 23/90 amp selectable
wet/dry cell battery charger; Auto
Transfer Switching; Automatic
Voltage Regulation
DB9 communication port for
SNMPWEBSOLOHV
management.
Excellent for alternative power
and standby power needs.
Applications
Ideal for RVs, over-the-road
trucking, conversion vans and
fleet service vehicles; a
standalone alternative power
source for off-grid, alternative
energy or export applications,
and as an uninterruptible power
supply (UPS). NOTE: For sump
pump applications, Tripp Lite
recommends its APS Truck
Inverter/Chargers.
Package Includes
APSX6048VRNET
Inverter/Charger
Instruction manual with warranty
information
1 / 4


Similar Part No. - APSX6048VRNET

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
More results

Similar Description - APSX6048VRNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APSX3024SW TRIPPLITE-APSX3024SW Datasheet
520Kb / 4P
PowerVerter APS X 3000W 24VDC 230V
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
PowerVerter APS X Series 4000W Inverter/Charger
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com