Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1229 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1229
Description  SD2932 RF MOSFET for 300 W FM amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1229 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1229 Datasheet HTML 1Page - STMicroelectronics AN1229 Datasheet HTML 2Page - STMicroelectronics AN1229 Datasheet HTML 3Page - STMicroelectronics AN1229 Datasheet HTML 4Page - STMicroelectronics AN1229 Datasheet HTML 5Page - STMicroelectronics AN1229 Datasheet HTML 6Page - STMicroelectronics AN1229 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Amplifier design
AN1229
2/7
1
Amplifier design
1.1
Input matching network
Typical input gate-to-gate impedance of SD2932 at 100 MHz is Zin = Rs + jXs = 2 - 2.6 j,
and can also be expressed as the combination of parallel resistance and reactance using
the following formulas:
Equation 1
Equation 2
Therefore, in order to achieve good input matching performances over the frequency range
88-108 MHz the unbalanced 50
Ω is to be transformed into an impedance with a value as
close as possible to Rp of 5.38
Ω.
From the circuit schematic given in Figure 6 , we can see that the input matching network is
based on a two section balun (1:1 balun in cascade with a 9:1 balun transformer) which
transforms the unbalanced 50
Ω to a balanced 5.56 Ω (2 x 2.78 Ω / 9:1 ratio). The first
section, a 5" long - 50
Ω coaxial cable and the second section, a two 3.9" long - 25 Ω flexible
coaxial cables with ferrite core NEOSIDE, are connected as described: a 10 nH inductor
(L1) is connected between the two gates to compensate SD2932 input parallel reactance
Xp.
1.2
Input matching network tuning
Figure 1.
Input Impedance of 1:1 balun in cascade with 4:1 balun
Rp
Rs
1
Xs
Rs
-------
⎝⎠
⎛⎞
2
+
•
5.38
Ω
=
=
X
P
R
P
X
S
R
S
-------
⎝⎠
⎛⎞
⁄
4.14j
Ω
–
=
=
0
50
100
150
200
250
300
350
Frequency (MHz)
-35
-30
-25
-20
-15
-10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com