Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1229 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1229
Description  SD2932 RF MOSFET for 300 W FM amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1229 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1229 Datasheet HTML 1Page - STMicroelectronics AN1229 Datasheet HTML 2Page - STMicroelectronics AN1229 Datasheet HTML 3Page - STMicroelectronics AN1229 Datasheet HTML 4Page - STMicroelectronics AN1229 Datasheet HTML 5Page - STMicroelectronics AN1229 Datasheet HTML 6Page - STMicroelectronics AN1229 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN1229
SD2932 typical performances and conclusion
5/7
2
SD2932 typical performances and conclusion
Figure 3, Figure 4 and Figure 5 show power gain, efficiency and input return loss over the
frequency range 88 - 108 MHz at a constant output power of 300 W and a drain supply
voltage of 50 V and a quiescent current of 200 mA. Typical performances are as follows:
Finally, in this report we have demonstrated ST’s SD2932 MOSFET transistor excellent
performance as a wideband 300 W - 50 V push-pull amplifier for FM applications.
Figure 6.
88-108 MHz circuit schematic
Table 2.
Typical performances
Parameters
Min
Max
Gp
19.3 dB
19.6 dB
RTL
-18 dB
-11 dB
Eff
71%
73%
Table 3.
88-108 MHz circuit components list
Symbol
Description
PCB
1/32” Woven fiberglass 0.0030 Cu, 2 side, er
T1
50
Ω Flexible coax cable OD 0.006”, 5” long
T2/ T3
9:1 Transformer, 25
Ω flexible coax cable OD 0.1” 3.9”. ferrite core NEOSIDE
T4 / T5
4:1 Transformer, 25
Ω flexible coax cable OD 0.1” 5.0” long.
T6
50
Ω flexible coax cable OD 0.1” 5.0” long.
FB1
VK200
C1
10 pf Ceramic capacitor
C2/C3/C4/C7/C8
1 nF Chip capacitor
C5/C6
1 nF ATC chip capacitor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com