Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1229 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1229
Description  SD2932 RF MOSFET for 300 W FM amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1229 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1229 Datasheet HTML 1Page - STMicroelectronics AN1229 Datasheet HTML 2Page - STMicroelectronics AN1229 Datasheet HTML 3Page - STMicroelectronics AN1229 Datasheet HTML 4Page - STMicroelectronics AN1229 Datasheet HTML 5Page - STMicroelectronics AN1229 Datasheet HTML 6Page - STMicroelectronics AN1229 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Amplifier design
AN1229
4/7
Figure 3.
Power gain vs. frequency
Figure 4.
Drain efficiency vs. frequency
Figure 5.
Drain efficiency vs. frequency
85
90
95
100
105
110
Frequency (MHz)
17
18
19
20
21
22
Pout = 300W Vdd = 50V Idq = 200 mA
85
90
95
100
105
110
Frequency (MHz)
60
62
64
66
68
70
72
74
76
78
80
Pout = 300W Vdd = 50V Idq = 200 mA
85
90
95
100
105
110
Frequency (MHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Pout = 300W Vdd = 50V Idq = 200 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com