Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1229 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1229
Description  SD2932 RF MOSFET for 300 W FM amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1229 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1229 Datasheet HTML 1Page - STMicroelectronics AN1229 Datasheet HTML 2Page - STMicroelectronics AN1229 Datasheet HTML 3Page - STMicroelectronics AN1229 Datasheet HTML 4Page - STMicroelectronics AN1229 Datasheet HTML 5Page - STMicroelectronics AN1229 Datasheet HTML 6Page - STMicroelectronics AN1229 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN1229
Amplifier design
3/7
Figure 2.
Input Impedance of 1:1 balun in cascade with 9:1 balun
SD2932 input matching network was tuned in order to achieve the best compromise in
terms of power gain (Gp) and input return loss (Rtl) over the frequency range 88 - 108 MHz.
Best results were achieved by adding a 10 pF chip capacitor (C1) between RFIN and the
1 nF blocking capacitor (C2).
1.3
Output matching network
The output impedance of each side is a combination of the output capacitance Coss (
195 pF) and the optimum load resistance which can be determined as follows:
Equation 3
The total optimum load, seen by SD2932 (drain to drain), is 2 x 6.02 = 12.04
Ω. Therefore, a
simple two section balun (1:1 balun in cascade with a 4:1 balun transformer) is used to
transform the unbalanced 50
Ω to a balanced 12.5 Ω (2 x 6.25 Ω) which is very near to the
total optimum load resistance.
The first section, a 5" long - 50
Ω flexible coaxial cable, and the second section, two 5" long
- 25
Ω flexible coaxial cables, are connected as described in Figure 6.
To compensate for the output capacitance Coss of SD2932 , a 40 nH inductor (L2) is
connected between the two drains. This LC network (L2 & Coss) is a high pass filter with a
resonance frequency calculated at 10 % below the minimum operating frequency:
Equation 4
Equation 5
Equation 6
0
50
100
150
200
250
300
350
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
Rp
0.85
Vdd
•
()
2
2
Pout
•
-------------------------------------
0.85
2500
•
2
150W
•
-------------------------------
6.02
Ω
=
=
=
C
OSS
C
OSS
2
---------------
=
180pF
2
-----------------
90pF
=
=
(per side)
Frequency of resonance
0.9
88MHz
80MHz
=
•
=
L2
Coss
2
pi
F
•
•
()
•
•
2
1
L2
44nH
=
→
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com