Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1256 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1256
Description  High-power RF MOSFET targets VHF applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1256 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1256 Datasheet HTML 1Page - STMicroelectronics AN1256 Datasheet HTML 2Page - STMicroelectronics AN1256 Datasheet HTML 3Page - STMicroelectronics AN1256 Datasheet HTML 4Page - STMicroelectronics AN1256 Datasheet HTML 5Page - STMicroelectronics AN1256 Datasheet HTML 6Page - STMicroelectronics AN1256 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2007
Rev 2
1/7
AN1256
Application note
High-power RF MOSFET targets VHF applications
Introduction
The SD2933, which utilizes a double-diffused metal oxide (DMOS) semiconductor
technology, is the latest addition to STMicroelectronics’ RF Power MOSFET family. The
packaged version is shown in Figure 1. The SD2933 is a single-ended, 50 V, 300 W, gold
(Au) metallized, N-channel, vertical Power MOSFET, intended for use up to 150 MHz, with
exceptionally high gain, and enhanced thermal packaging which makes it ideal for various
applications including plasma generation, excitation and FM broadcast applications. The
unique design of this single-ended 300 W Power MOSFET, makes it the only one of its class
available on the market today.
Figure 1.
SD2933 Package
Figure 2.
Two Enhancement - mode DMOS mounted in parallel
www.st.com


Similar Part No. - AN1256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1250 MICROCHIP-AN1250 Datasheet
846Kb / 22P
Microchip CTMU for Capacitive Touch Applications
2009
logo
List of Unclassifed Man...
AN1250-521P ETC1-AN1250-521P Datasheet
39Kb / 1P
AN0625-521P
More results

Similar Description - AN1256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
24-May-2004
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Advanced Power Technolo...
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
logo
Toshiba Semiconductor
1SV271 TOSHIBA-1SV271_07 Datasheet
193Kb / 3P
VHF~UHF Band RF Attenuator Applications
1SV312 TOSHIBA-1SV312_07 Datasheet
107Kb / 2P
VHF~UHF Band RF Attenuator Applications
JDP2S01T TOSHIBA-JDP2S01T_07 Datasheet
202Kb / 3P
UHF~VHF Band RF Attenuator Applications
logo
STMicroelectronics
SD1477 STMICROELECTRONICS-SD1477_04 Datasheet
243Kb / 9P
RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
07-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com