Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1256 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1256
Description  High-power RF MOSFET targets VHF applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1256 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1256 Datasheet HTML 1Page - STMicroelectronics AN1256 Datasheet HTML 2Page - STMicroelectronics AN1256 Datasheet HTML 3Page - STMicroelectronics AN1256 Datasheet HTML 4Page - STMicroelectronics AN1256 Datasheet HTML 5Page - STMicroelectronics AN1256 Datasheet HTML 6Page - STMicroelectronics AN1256 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN1256
MTTF (mean time to failure) enhanced package
5/7
5
MTTF (mean time to failure) enhanced package
A major problem inherent to high power RF transistors is their high operating junction
temperatures. If careful consideration is not taken to remove the heat generated by the
junction, degradation in device performance and reduction in its operating lifetime are the
consequences. The design of the SD2933 has solved this problem by using a thermally
enhanced package, labeled a non-pedestal (NP) package, having lower thermal resistance
than the widely used pedestal (P) packages. A finite-element analysis was performed on a
similar NP package and the results showed a 10 °C lower peak temperature than the P
package under the same thermal conditions. The SD2931-10 and a similar ST device were
then chosen to further demonstrate the enhanced thermal properties of the NP package
over the P package under normal operating conditions. These devices use the same
transistor die and also share the same overall mechanical dimensioning. The major
difference between the devices is that the SD2931-10 is a NP package and the other was a
P package. Both devices were operated under RF conditions and their corresponding die
junction temperatures were measured using an infrared (IR) imaging unit. Once again the
results were in favor of the NP package with a 25% improvement in thermal resistance
which corresponds to an operating life improvement of approximately 400%.
Figure 6.
SD2933 MTTF for various currents as a function of junction temperature
Electromigration is another temperature-enhanced failure mechanism. Electromigration
failures are related to current density in the metallization as well as other metallization
material properties. A graph of the SD2933 mean-time-to-failure, for various currents as a
function of junction temperature, based on the electromigration activation energy derived
from Arrhenius plots for the SD2933, is shown in Figure 6. It can be seen that the typical
lifetime is greater than 1 million hours.
It should be noted that in comparison, the SD2933 is a larger device than the SD2931-10,
but the overall structure of the SD2933 package and the SD2931-10 package are the same
and both devices use the same transistor die. For a complete thermal analysis of the P vs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com