Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1256 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1256
Description  High-power RF MOSFET targets VHF applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1256 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1256 Datasheet HTML 1Page - STMicroelectronics AN1256 Datasheet HTML 2Page - STMicroelectronics AN1256 Datasheet HTML 3Page - STMicroelectronics AN1256 Datasheet HTML 4Page - STMicroelectronics AN1256 Datasheet HTML 5Page - STMicroelectronics AN1256 Datasheet HTML 6Page - STMicroelectronics AN1256 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Device ruggedness
AN1256
4/7
3
Device ruggedness
The SD2933 is very rugged. Most DMOS failures during operating conditions are due to the
inability to support the effective drain voltage across the body-drain pn junction during an
overvoltage condition when, for example, a mismatched load causes a large voltage
standing wave on the drain terminal. If the device is subjected to an excessive drain to
source voltage, the electric field across this junction reaches a critical value at which point
avalanche current is generated. Under these conditions, current flows from the source to the
body, effectively biasing the internal parasitic bipolar transistor to an on-state, creating a
catastrophic failure very quickly. The voltage required to turn on the parasitic transistor has a
negative temperature coefficient, thus at higher operating temperatures this phenomena is
more likely. It can be noted that some manufacturers of high power RF devices do not
specify a load mismatch, but the SD2933 is guaranteed to sustain a 5:1 load mismatch
across all phase angles with no degradation in output power when returned to 50 ohms.
This load mismatch is comparable to devices with similar output power levels utilizing a
push-pull package configuration. The ability of the SD2933 to handle such a severe
mismatch can be attributed to two design improvements over similar devices. The first being
a proprietary doping scheme of the transistor die during its fabrication process, which allows
high current and voltage swings without inducing turn-on of the internal parasitic bipolar
transistor, and the second enhancement is the lower thermal resistance of the packaging
allowing for increased power dissipation of the device. These considerations result in a very
high breakdown voltage minimum rating of 125 V, with a normal distribution of 145 V DC.
4
Design considerations
Designing the SD2933 offered two distinct challenges beyond the semiconductor device
design; one was due to the high gain of the SD2933 in the HF frequency band, and the other
was due to the high power dissipation of this single ended device. The gfs of this device is
very high thus, stabilizing the transistor was extremely critical. Without the use of any
stabilization technique, the device would oscillate and destroy itself under bias conditions
before the RF input was applied. To overcome potential instabilities, gate resistors were
employed. These resistors, as mentioned before, are eutectically mounted inside the
package along with the transistor die and are wired in series with each gate pad. This layout
presents a series resistance to each gate site and thus any difference between the site to
site impedances are small relative to the total.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com