Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1256 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1256
Description  High-power RF MOSFET targets VHF applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1256 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1256 Datasheet HTML 1Page - STMicroelectronics AN1256 Datasheet HTML 2Page - STMicroelectronics AN1256 Datasheet HTML 3Page - STMicroelectronics AN1256 Datasheet HTML 4Page - STMicroelectronics AN1256 Datasheet HTML 5Page - STMicroelectronics AN1256 Datasheet HTML 6Page - STMicroelectronics AN1256 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AN1256
Device characteristics
3/7
techniques to be 0.27 °C/W allowing for a maximum power dissipation of approximately
650 W (see Figure 4).
Additionally, data was taken at 150 MHz demonstrating the gain and efficiency at the upper
limits of the device characterization (see Figure 5).
Figure 3.
Power Gain and efficiency vs. output power
Figure 4.
Maximum thermal resistance vs. case temperature
Figure 5.
Power gain and efficiency vs. output power
0
50
100
150
200
250
300
350
400
450
0
0.5
1
1.5
2
2.5
3
Input power (W)
0
10
20
30
40
50
60
70
80
90
Pout
Efficiency
19
20
21
22
23
24
25
26
27
0
50
100
150
200
250
300
350
400
Output power (W)
0
10
20
30
40
50
60
70
80
Gain
Efficiency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com