Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1379 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics AN1379 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1379
Fast transient immunity tests
Doc ID 8317 Rev 5
7/10
Figure 8.
Minimum burst levels before turn on for different devices
Figure 9.
Spurious firing of a Z0109MA after a 2 kV burst
Table 1.
Minimum burst levels before devices turn on for I/O tests
Device
Z0107MA
Z0109MA
ACS102-5TA
ACS108-5SA
Min. level
capability
4 kV
> 4.5 kV
> 4.5 kV
> 4.5 kV
0 kV
1 kV
2 kV
3 kV
4 kV
Minimum held
burst level
above generator
capability (4.5 kV)
Standard
requirement
Triac
ACS
5 mA igt
10 mA igt
5 mA igt
10 mA igt
TO92 DIL20
VA2A1 (100 V/div)
dV/dt = 17kV/µs
IA2 (0.5 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com