Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1379 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1379 Datasheet HTML 1Page - STMicroelectronics AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AN1379
Fast transient immunity tests
Doc ID 8317 Rev 5
5/10
Figure 6.
Line to neutral voltage during 2 kV burst with mains filter
2.2
ACS / Triac comparison
The tests are carried out in the following conditions:
■ Printed circuit board 10 cm above reference plane
■ A mains filter (as described in Figure 7) connected to the mains plug
■ Board embeds four Triacs (or ACSs)
■ Each Triac-A2 (or ACS-OUT) terminal linked to a 25 W light bulb (resistive loads are
chosen in order not to reduce dI/dt rates in case of firing)
■ Each gate connected to A1 or COM terminals respectively, for Triac and ACS, through a
470 ohm resistor (to be free of spurious firings coming from the microcontroller)
■ No snubber circuits added across the Triacs or ACSs
■ Ambient temperature 25 °C.
■ Burst generator programmed as required in the IEC 61000-4-4 standard (15 ms burst
duration, 3 Hz burst frequency, 5 kHz spike frequency, one second test duration).
Figure 7.
Mains filter for IEC 61000-4-4 test
584 V
584 V
0.47 µ F
X2
2.5 nF
Y2
2.5 nF
Y2
2 x 1 mH
680 k
L
N
Mains filter
Reference plane
10 cm
Burst
generator
A2
Rg
100 pF
100 pF
100 pF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com