Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1379 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1379 Datasheet HTML 1Page - STMicroelectronics AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fast transient immunity tests
AN1379
4/10
Doc ID 8317 Rev 5
2
Fast transient immunity tests
2.1
Standard requirements and mains filter utility
IEC 61000-4-4 tests propose two different kinds of stress. One, called the “supply test”,
consists of applying the bursts through 33 nF capacitors to the line, neutral, ground or
combinations of these terminals. The second EN61000-4-4 stressing mode is to apply the
bursts through a typical 100 pF capacitor (achieved with an aluminum sheet), directly to the
I/O ports of the system.
The I/O port test is in fact required for systems where there are control wires, as for
computers (wires between the keyboard and the central unit). But appliance manufacturers
perform similar tests to check if their products can withstand fast voltage transients.
For both cases, the system under test is placed 10 cm above the bursts generator reference
plane. As the voltage waveforms increase and decrease respectively in 5 and 50 ns, the
impedance of the parasitic capacitance between the system board and the plane is very low
for such high dynamic waveforms. This results in the application of the major part of the
burst directly across the mains supply plug of the system under test. The following figures
show the line to neutral voltage measured during a 2 kV supply test. We see that the voltage
reaches up to 1.41 kV when no filter is used at the mains input of the system. If a filter, such
as that described in Figure 7, is added, the overvoltage, caused by the 2 kV burst falls to
584 V. This is below the breakdown voltage of most Triacs used in 230 V appliances and of
ACSs. Then, there is no risk of a spurious firing due to turn on in breakover mode.
But Figure 6 also shows that, despite overvoltages being limited, high dV/dt rates are still
present. Indeed, the 500 V overvoltage is reached in less than 10 ns. Silicon devices must
therefore feature a very high dV/dt capability in order to avoid parasitic turn on. The next
paragraph summarizes some comparative analysis made on Triacs and ACSs.
Figure 5.
Line to neutral voltage during 2 kV burst without mains filter
1.41 kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com