Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1379 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1379
Description  Z01 and ACS behavior compared under fast voltage transients
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1379 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1379 Datasheet HTML 1Page - STMicroelectronics AN1379 Datasheet HTML 2Page - STMicroelectronics AN1379 Datasheet HTML 3Page - STMicroelectronics AN1379 Datasheet HTML 4Page - STMicroelectronics AN1379 Datasheet HTML 5Page - STMicroelectronics AN1379 Datasheet HTML 6Page - STMicroelectronics AN1379 Datasheet HTML 7Page - STMicroelectronics AN1379 Datasheet HTML 8Page - STMicroelectronics AN1379 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACS: an overvoltage protected AC device
AN1379
2/10
Doc ID 8317 Rev 5
1
ACS: an overvoltage protected AC device
1.1
Inductive load switch-off
Valves and relays are electromagnetic systems. In the case of AC high voltage operation,
their windings show a high series resistance (a few k
Ω) and a high series inductance (tens
of Henry). Hence, they absorb a low rms current (typically, 10 to 50 mA). In this case, the
rate of decrease of the current is low and an automatic switch turn-off may result when its
current becomes lower than the holding level [1].
There may be an overvoltage due to the fact that there is still some current through the
inductive load. The inductive energy thus creates a back electromotive force. If this
overvoltage is not clamped, it can reach the device breakdown level and damage it.
ACSs are self-protected against overvoltage. They can sustain their holding current in such
an operating mode, as shown in Figure 2.
Figure 2.
Valve turn-off - typical oscillogram with the ACS108-5TA device
1.2
IEC 61000-4-5 standard
The IEC 61000-4-5 standard has been established to check whether systems can continue
to work after there has been a voltage surge superimposed on the mains. A standard
voltage waveform has been chosen which embodies typical overvoltages due to lightning or
the disconnection of running inductive loads from the line.
As the line to neutral surge can appear at peak mains voltage, the overall voltage can reach
2.4 kV (2 kV surge + peak mains voltage for 240 V rms line). This will be higher than the
breakdown level of the silicon devices used in appliances. To prevent the destruction of
components, designers use a varistor connected across silicon devices.
When a surge occurs and the ACS is off, the mains overvoltage is first clamped by the
device. But an excessive energy surge can raise the ACS current above its breakover level.
Iout (10mA/div)
Vout (200V/div)
Time: 400 µs/div
Ih = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com