Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1636 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 9Page - STMicroelectronics AN1636 Datasheet HTML 10Page - STMicroelectronics AN1636 Datasheet HTML 11Page - STMicroelectronics AN1636 Datasheet HTML 12Page - STMicroelectronics AN1636 Datasheet HTML 13Page - STMicroelectronics AN1636 Datasheet HTML 14Page - STMicroelectronics AN1636 Datasheet HTML 15Page - STMicroelectronics AN1636 Datasheet HTML 16Page - STMicroelectronics AN1636 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
Hence an ADC which converts the analog signal to a 10-bit digital value, has a resolution of 10
bits.
The smallest incremental voltage that can be recognized is expressed in terms of LSB.
1LSB = (VAREF - VSSA)/2
n
where LSB = Least significant bit.
n = number of bits output by the ADC.
VAREF = Reference voltage
VSSA = Analog ground
An ADC which has ‘n’ bit digital output, provides 2n digital values. It includes both 0 and 2n-1.
With a 5V reference voltage, the resolution is 5 (volts) /210 = 5 (volts)/1024 = 4.88 mV.
This means that for a change in 4.88mV analog input the ADC converted digital value will
change by 1LSB.
In reality there are 2n-1 steps. So the actual resolution is 1LSB = (VAREF - VSSA)/(2
n -1). As in
practice there is very little difference between the two calculated values because ‘n’ is quite a
large number, both definitions are used.
Figure 11. Resolution representation
3.3 QUANTIZATION
In theory, the continuous analog signal can be broken into an infinite number of digital steps,
but the quantization of an analog signal by the ADC can be done only in the finite number of
steps which can be produced by the ADC.
Digital
Output
Analog
Input
00h
3FFh
VAREF
(n+1)
VAREF
n
N
N+1
Resolution
VAREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com