Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1636 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 19Page - STMicroelectronics AN1636 Datasheet HTML 20Page - STMicroelectronics AN1636 Datasheet HTML 21Page - STMicroelectronics AN1636 Datasheet HTML 22Page - STMicroelectronics AN1636 Datasheet HTML 23Page - STMicroelectronics AN1636 Datasheet HTML 24Page - STMicroelectronics AN1636 Datasheet HTML 25Page - STMicroelectronics AN1636 Datasheet HTML 26Page - STMicroelectronics AN1636 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
The parasitic capacitance formed at the analog input because of track paths etc. appears in
parallel with external capacitance. So it must be added to CAIN. However when the parasitic
capacitance value is much less than CAIN, it can be ignored.
When CAIN is small (for example CAIN < 100*CADC ), it may not be able to hold the VIN voltage
effectively. So when ADC conversion is started, CADC will appear across the CAIN through
RADC causing CAIN to effectively discharge. So we need to consider the sampling time re-
quired with external resistance and capacitance.
Figure 20. RAIN Vs fADC
For example:
With RAIN=10K, CAIN (or Cparasitic) = 10pf, CADC=6pf
Time for charging external capacitor = RAIN*CAIN= 10k* 10pf = 100ns
10*RAIN*CAIN = 1us.
Time for charging hold capacitor CADC = (RAIN+RADC)* CADC
RC = 12K*6pf =72ns
10RC = 720ns = 0.72us
Total time = 1us + 0.72µs = 1.72µs. (approx.)
So, for ADCs with fADC=2Mhz, sampling time = 4*tAD= 2µs.
With total time of 1.72µs obtained with RAIN and Cparasitic, the sampling time of 2µs is already
at its upper limit. If the resistance is higher, fADC must be decreased to increase the sampling
time. So fADC less than 2MHz can be used. It can be noted that for fADC = 1MHz, RADC can be
up to 20 kOhm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com