Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1636 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 27Page - STMicroelectronics AN1636 Datasheet HTML 28Page - STMicroelectronics AN1636 Datasheet HTML 29Page - STMicroelectronics AN1636 Datasheet HTML 30Page - STMicroelectronics AN1636 Datasheet HTML 31Page - STMicroelectronics AN1636 Datasheet HTML 32Page - STMicroelectronics AN1636 Datasheet HTML 33Page - STMicroelectronics AN1636 Datasheet HTML 34Page - STMicroelectronics AN1636 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
DLE = Actual step width - 1LSB
Ideally analog input voltage change of 1LSB should cause a change in the digital code. If an
analog input voltage greater than 1LSB is required for a change in digital code, then the ADC
has the differential linearity error. DLE thus corresponds to additional maximum voltage that is
required to change one digital code to the next digital code.
DLE is also known as DNL, Differential Non-Linearity error.
Example:
For a range of analog input we should get the same digital output. Ideally the step width should
be 1LSB. Suppose we get same digital output for a range of analog input voltage 1V to 1.010V
then the step width will be 1.010V-1V = 10mV. DLE is thus the voltage difference between the
higher (1.010V) and lower analog voltage (1V) subtracted by the voltage corresponding to
1LSB.
Figure 29. Differential Error representation
With a 10-bit ADC and VAREF = 5V, an analog input of 1V can provide results varying from
CBh to CDh.
Similarly for 1.010V, i.e. 206d = CEh, the results may vary from CDh to CFh.
So, total voltage range corresponding to the step CDh is 1.010 V - 1V
= 10mV
ED= 10mV - 4.88 mV
ED= 5.12 mV
VIN
VSSA
1
Digital
output
(Decimal
steps)
Actual
transfer curve
1LSB
ideal
ED
Ideal Transfer curve
ED = Differential linearity
error
1LSB
ED (Negative)
Positive
Note: In this example the actual curve is shown to have an offset error from ideal curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com