Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1636 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1636 Datasheet HTML 17Page - STMicroelectronics AN1636 Datasheet HTML 18Page - STMicroelectronics AN1636 Datasheet HTML 19Page - STMicroelectronics AN1636 Datasheet HTML 20Page - STMicroelectronics AN1636 Datasheet HTML 21Page - STMicroelectronics AN1636 Datasheet HTML 22Page - STMicroelectronics AN1636 Datasheet HTML 23Page - STMicroelectronics AN1636 Datasheet HTML 24Page - STMicroelectronics AN1636 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
Figure 17. ADC input with RAIN, CAIN
The external capacitance will not allow the voltage of the analog input to be exactly the same
as VIN if it is not fully charged by the analog source. If the analog input signal varies, then the
analog signal frequency (FAIN) should be such that the time period of this analog signal is at
least 10 * RAIN * CAIN.
Figure 18. Recommended RAIN, CAIN values
TAIN = time period of analog signal = 1/FAIN
TAIN >= 10 * RAIN * CAIN.
FAIN = 1/ TAIN <= 1/ (10 * RAIN * CAIN )
For example:
For RAIN = 10K, CAIN = 10nf
TAIN = 10 RAIN * CAIN
= 10 * 10K* 10n
= 1000µs = 1ms
FAIN = 1/TAIN = 1/1ms = 1KHz maximum.
AINx
VAIN
RAIN
CAIN
ST72x
Cp
Cp = Parasitic capacitance
CAIN = Source capacitance
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com