Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3653 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3653_15 Datasheet HTML 4Page - Linear Technology LT3653_15 Datasheet HTML 5Page - Linear Technology LT3653_15 Datasheet HTML 6Page - Linear Technology LT3653_15 Datasheet HTML 7Page - Linear Technology LT3653_15 Datasheet HTML 8Page - Linear Technology LT3653_15 Datasheet HTML 9Page - Linear Technology LT3653_15 Datasheet HTML 10Page - Linear Technology LT3653_15 Datasheet HTML 11Page - Linear Technology LT3653_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT3653
10
3653f
Dual Input High Efficiency Battery Charger and Triple Buck PMIC Application
TYPICAL APPLICATION
VBUS
CLPROG
PROG
VNTC
NTC
ILIM0
ILIM1
EN1
EN2
EN3
MODE
USB
WALL
ADAPTER
PMIC
CONTROL
VBUS
HIGH VOLTAGE INPUT
7.5V TO 30V
TRANSIENT
TO 60V
SYSTEM
LOAD
BAT
M1
(OPTIONAL)
L1 = COILCRAFT, MSS6132-472MLC
M1 = VISHAY, Si 2333DS
D1 = DIODES INC., DFLS240
SINGLE-CELL
Li-Ion
3.3V
25mA
ALWAYS-ON
C13
1μF
L1
4.7μH
3653 TA02
LTC3557
GND
BVIN1
BVIN2
ACPR
VOUT
IDGATE
BAT
CHRG
LDO3V3
WALL
VC
LT3653
HVOK
GND
VC
ILIM
R1
27.4k
R7
324k
R2
2.1k
D3
MBR0520
R3
2k
D1
D2
C1
4.7μF
50V
C2
10μF
6.3V
C3
10μF
6.3V
C3
0.1μF
10V
C5
2.2μF
L2
3.3μH
C6
2.2μF
R6
1.02M
R13
510k
R14
100k
R15
NTC
100k
VIN
BOOST
SW
ISENSE
VOUT
VOUT1
3.3V
600mA
C8
10μF
C2
10μF
C7
10pF
SW1
FB1
R9
649k
L3
4.7μH
R8
806k
VOUT3
1.8V
400mA
C10
10μF
C9
10pF
SW3
FB3
R12
464k
L4
4.7μH
R11
232k
VOUT2
1.2V
400mA
RST2
RST2
C12
10μF
C11
10pF
SW1
FB1
R10
100k
M2
Si2333DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com