Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3653 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3653_15 Datasheet HTML 4Page - Linear Technology LT3653_15 Datasheet HTML 5Page - Linear Technology LT3653_15 Datasheet HTML 6Page - Linear Technology LT3653_15 Datasheet HTML 7Page - Linear Technology LT3653_15 Datasheet HTML 8Page - Linear Technology LT3653_15 Datasheet HTML 9Page - Linear Technology LT3653_15 Datasheet HTML 10Page - Linear Technology LT3653_15 Datasheet HTML 11Page - Linear Technology LT3653_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT3653
11
3653f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
DCB Package
8-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1718 Rev A)
3.00 0.10
(2 SIDES)
2.00 0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
0.75 0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 REF
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB8) DFN 0106 REV A
0.23
0.05
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR 0.25
45 CHAMFER
0.25
0.05
1.35 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.10 0.05
0.70 0.05
3.50 0.05
PACKAGE
OUTLINE
0.45 BSC
1.35 0.10
1.35 0.05
1.65
0.10
1.65
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com