Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3653 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 3 Page - Linear Technology

  LT3653_15 Datasheet HTML 1Page - Linear Technology LT3653_15 Datasheet HTML 2Page - Linear Technology LT3653_15 Datasheet HTML 3Page - Linear Technology LT3653_15 Datasheet HTML 4Page - Linear Technology LT3653_15 Datasheet HTML 5Page - Linear Technology LT3653_15 Datasheet HTML 6Page - Linear Technology LT3653_15 Datasheet HTML 7Page - Linear Technology LT3653_15 Datasheet HTML 8Page - Linear Technology LT3653_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3653
3
3653f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3653E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization, and correlation
with statistical process controls. The LT3653I specifications are
guaranteed over the full –40°C to 125°C temperature range. High junction
temperatures degrade operating lifetimes. Operating lifetime is derated at
junction temperatures greater than 125°C.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VIN = 12V, VBOOST = 17V, VSW = 0V, RILIM = 33.2k, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VC Clamp Voltage
VOUT = 0V
1.75
V
Switch Peak Current Limit
(Note 4)
2
A
Switch VCESAT
ISW = 1A
275
mV
Boost Diode Drop
IDIODE = 60mA
0.9
1.2
V
Boost Pin Current
ISW = 1A
28
mA
HVOK Output Voltage High
IHVOK = 1mA
l
4
4.4
5
V
HVOK Output Voltage Low
IHVOK = –2μA
l
0.25
V
Note 3: Absolute Maximum Voltage at VIN pin is 60V for non-repetitive
1 second transients.
Note 4: Switch Peak Current Limit guaranteed by design and/or correlation
to static test.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com