Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3653 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3653
Description  1.2A, HV Input Regulator with Output Current Limit for Battery Charger Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3653 Datasheet(HTML) 2 Page - Linear Technology

  LT3653_15 Datasheet HTML 1Page - Linear Technology LT3653_15 Datasheet HTML 2Page - Linear Technology LT3653_15 Datasheet HTML 3Page - Linear Technology LT3653_15 Datasheet HTML 4Page - Linear Technology LT3653_15 Datasheet HTML 5Page - Linear Technology LT3653_15 Datasheet HTML 6Page - Linear Technology LT3653_15 Datasheet HTML 7Page - Linear Technology LT3653_15 Datasheet HTML 8Page - Linear Technology LT3653_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3653
2
3653f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) (Note 3)......................................60V
Boost Pin Voltage (BOOST).......................................50V
Boost Pin Above SW Pin...........................................25V
HVOK, VOUT, ISENSE Pins.............................................6V
VC Pin .........................................................................3V
Operating Junction Temperature Range (Notes 2, 5)
LT3653E.............................................–40°C to 125°C
LT3653I..............................................–40°C to 125°C
Storage Temperature..............................–65°C to 150°C
(Note 1)
TOP VIEW
SW
BOOST
ISENSE
VOUT
VIN
HVOK
VC
ILIM
DCB PACKAGE
8-LEAD (2mm
3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
θJA = 64°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3653EDCB#PBF
LT3653EDCB#TRPBF
LDJN
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3653IDCB#PBF
LT3653IDCB#TRPBF
LDJN
8-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
l
7.5
30
V
VIN Undervoltage Lockout
Rising
6.5
7
7.5
V
VIN Undervoltage Hysteresis
500
mV
VIN Overvoltage Lockout
Rising
30
33
36
V
VIN Overvoltage Lockout Hysteresis
1V
VIN Supply Current
Not Switching
2.8
3.4
mA
VOUT Reverse Leakage Current
VIN = 0V, VOUT = 4.8V
VIN = Open, VOUT = 4.8V
1
1
μA
μA
VOUT Nominal Set Point
VC Pin = Open
4.8
5
V
VOUT Current Limit Range
l
0.4
1.2
A
VOUT Current Limit
RILIM = 33.2k
l
0.85
0.80
1
1
1.15
1.2
A
A
Operating Frequency
l
1350
1500
1650
kHz
VC Source Current
VOUT = 0V, VC = 1.5V
12
μA
VC Sink Current
VOUT = 5V, VC = 1.5V
10
μA
VC Switching Threshold
IOUT = 0mA
1.1
V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C; VIN = 12V, VBOOST = 17V, VSW = 0V, RILIM = 33.2k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com